PART |
Description |
Maker |
RP03-1205DA RPO3-1233SA RP03-1205SA RP03-1212DA RP |
CAP Tantalum-Wet Miniature 6V 60.0 uF /-5% Silver can Axial , TPC - Hilton 3瓦特DIP24 3 Watt DIP24 & SMD, Single & Dual Output 3瓦特DIP24 3 WATT DIP24 & SMD, SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
REC3-243.3SRH1SMD REC3-4805SR REC3-483.3SRH1 REC3- |
3 Watt DIP24 & SMD Single & Dual Output 3 Watt DIP24 & SMD Single & Dual Output 3瓦特DIP24
|
RECOM Power Inc. RECOM Electronic GmbH
|
RP1P5 RP1P5-4815SA RP1P5-0505DA RP1P5-0505SA RP1P5 |
1.5 Watt DIP24 & SMD, Single & Dual Output 1.5瓦特DIP24 1.5 WATT DIP24 & SMD, SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC3-123.3SR REC3-123.3SRH1SMD REC3-0505SR REC3-05 |
3 Watt DIP24 & SMD Single & Dual Output
|
RECOM[Recom International Power]
|
REC2.2-053.3SRWH1AM REC2.2-123.3SRW REC2.2-483.3SR |
2.2 Watt DIP24 & SMD Single & Dual Output
|
Recom International Pow... RECOM[Recom International Power]
|
RP08-2405SAWSMD RP08-483.3SAWSMD RP08-2405DAW RP08 |
8 Watt DIP24 & SMD, Single & Dual Output
|
Recom International Pow... RECOM[Recom International Power]
|
RP12-2405SAW RP12-243.3SAW RP12-483.3SAWSMD RP12-2 |
12 Watt DIP24 & SMD, Single & Dual Output
|
Recom International Pow... RECOM[Recom International Power]
|
RP08-1205DASMD RP08-1212SASMD RP08-1205SASMD RP08- |
8 Watt DIP24 & SMD, Single & Dual Output
|
RECOM Power Inc.
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|